PART |
Description |
Maker |
OP954 |
PIN Sili con Pho todiode
|
OPTEK Technologies ETC Optek Technology
|
OP750A OP750B OP750C OP750D |
NPN Pho totransistor with Base- Emitter Resistor
|
Optek Technology
|
MMC4025 MMC4001 MMC4002 MMC4000 |
Quad 2-input NOR gate Dual 4-input NOR gate Dual 3-input NOR gate plus inverter Triple 3-input NOR gate NOR GATES COMPLEMENTARY MOS INTEGRATED CIRCUITS
|
Microelectronica Micro Electronics
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
74VHC27MTC 74VHC27N 74VHC27SJ 74VHC27 |
Triple 3-Input NOR Gate AHC/VHC SERIES, TRIPLE 3-INPUT NOR GATE, PDSO14 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
HCS08MS FN3047 HCS08 HCS08D HCS08DMSR HCS08HMSR HC |
HC/UH SERIES, QUAD 2-INPUT AND GATE, CDFP14 From old datasheet system Radiation Hardened Quad 2-Input AND Gate AND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
HEC4002BT HEC4002BT112 |
Dual 4-input NOR gate; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDSO14 HEF4002B gates; Dual 4-input NOR gate
|
NXP Semiconductors N.V. Philips
|
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
HCTS4002MS FN3075 HCTS4002D HCTS4002DMSR HCTS4002H |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Input NOR Gate HCT SERIES, DUAL 4-INPUT NOR GATE, CDIP14 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 HCT SERIES, DUAL 4-INPUT NOR GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|